external power supply doc. no. pbc9 rev.c 28-4-11 286 trg70a series 70 watts - ac/dc general single output input voltage range 90 to 264vac frequency 50hz to 60hz inrush current 60a max @ 240vac isolation input to output 4,242vac leakage current 3.5ma max. output output voltage factory preset, see table (not adjustable) voltage set-point +/-2% (60% load) ripple and noise 1% p-p max short circuit protection continuous (auto recovery) over voltage protection yes hold-up time 8ms typ @ 115vac load regulation +/-2 to +/-5% (20% to 100% load) model dependent line regulation +/-1% max 100vac to 240vac at full load environmental operating temperature 0c to +60c load derating derate from 100% at 40c linearly to 50% at 60c storage temperature -20c to +85c standards and approvals safety standards queensland electrical safety office certificate of approval qld q080453, as/nzs 609050.1:2003, en60950 c-tick as/nzs cispr 11:2002 group 1 emi standards meets en55022 class b and cispr/fcc class b rcm complies with as/nzs 4417 parts 1,2,3 n911 mechanical dimensions 132 x 58 x 30.5mm weight 345g ac inlet iec320/c14 output connector right angle, hollow barrel connector, 2.5mm inside diameter; 5.5mm outside diameter; 9.5mm length center positive polarity. dc cord length 720mm with ferrite core 18awg/ul1185 model number rated vnom output current max power trg70a120- 21e11-v 12vdc 5.5a 66w trg70a150- 21e11-v 15vdc 4.6a 69w trg70a180- 21e11-v 18vdc 3.9a 70w trg70a190- 21e11-v 19vdc 3.7a 70w trg70a240- 21e11-v 24vdc 3.0a 72w trg70a480 - 21e11-v 48vdc 1.5a 72w selection table consult powerbox for variation of output connector and dc cord length features ? wide input voltage ? continuous short circuit protection ? over voltage protection ? output voltage available from 12vdc to 48vdc ? high efficiency 87% typical ? meets en55022 class b, conducted emissions ? meps compliance, efficiency mark v ? rohs compliance technical illustration specifications
|